PART |
Description |
Maker |
SLF12575T-100M5R4-PF SLF12575T-6R8N5R9-PF |
L-Q Frequency Characteristics DC Bias & Temperature Characteristics Temperature Characteristics Temperature Rise
|
TDK Electronics
|
EP3C25F256I7N EP3C25Q240C8N EP3C10E144C7 EP3C10F25 |
1. Cyclone III Device Datasheet The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone? III devices. A glossary is also included for your reference.
|
Altera Corporation
|
PTF |
Industrial, Very Low Noise and Voltage Coefficient, Small Package, 100% Laser Spiraled, Very Good High Frequency Characteristics, Acceptance Testing Available, Can Replace Wirewound Bobbins, Superior Moisture Protection
|
Vishay
|
OM200F120CMD |
ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified) ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified)
|
List of Unclassifed Manufacturers ETC[ETC]
|
RD10JS RD11JS RD12JS RD13JS RD15JS RD16JS RD18JS R |
DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode 8.2 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34 surface mount silicon Zener diodes 表面贴装硅稳压二极管 DO-34 Package Low noise/ Sharp Breakdown characteristics 400 mW Zener Diode DO-34 Package Low noise Sharp Breakdown characteristics 400 mW Zener Diode Constant Voltage diode 400mW DO-34
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MB4015NSC-3 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
MB6027ASC-1L |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20掳C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
1N5757A 1N5755A 1N5750A 1N5754A 1N5751A 1N5752A 1N |
ELECTRICAL CHARACTERISTICS
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P...
|
MD3251F MD3250AF MD3250F |
ELECTRICAL CHARACTERISTICS
|
New Jersey Semi-Conductor P...
|
TM58P20 |
DC & AC characteristics compare
|
Tenx
|